Part Number Hot Search : 
A511RHI V30100C 300192Z LL4934G 250020 SE1086 BZX79C75 DM74AL
Product Description
Full Text Search
 

To Download SSM6N05FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM6N05FU
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N05FU
High Speed Switching Applications
* * * Small package Low on resistance : Ron = 0.8 (max) (@VGS = 4 V) : Ron = 1.2 (max) (@VGS = 2.5 V) Low gate threshold voltage
Maximum Ratings (Ta = 25C) (Q1, Q2 Common)
Characteristics Drain-Source voltage Gate-Source voltage Drain current DC Pulse Drain power dissipation (Ta = 25C) Channel temperature Storage temperature range Symbol VDS VGSS ID IDP PD (Note1) Tch Tstg Rating 20 12 400 800 300 150 -55~150 mW C C Unit V V mA
Note1: Total rating, mounted on FR4 board 2 (25.4 mm x 25.4 mm x 1.6 t, Cu Pad: 0.32 mm x 6)
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials.
000707EAA1
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
2000-07-19
1/4
SSM6N05FU
Marking
6 5 4
Equivalent Circuit (top view)
6 5 4
DF
1 2 3 1
Q1 Q2
2
3
Electrical Characteristics (Ta = 25C) (Q1, Q2 common)
Characteristics Gate leakage current Drain-Source breakdown voltage Drain cut-off current Gate threshold voltage Forward transfer admittance Drain-Source ON resistance Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on time Turn-off time Symbol IGSS V (BR) DSS IDSS Vth Yfs RDS (ON) Ciss Crss Coss ton toff VDD = 3 V, ID = 100 mA, VGS = 0~2.5 V VDS = 3 V, VGS = 0, f = 1 MHz Test Condition VGS = 12 V, VDS = 0 ID = 1 mA, VGS = 0 VDS = 20 V, VGS = 0 VDS = 3 V, ID = 0.1 mA VDS = 3 V, ID = 200 mA ID = 200 mA, VGS = 4 V ID = 200 mA, VGS = 2.5 V (Note2) (Note2) (Note2) Min 20 0.6 350 Typ. 0.6 0.85 22 9 21 60 70 Max 1 1 1.1 0.8 1.2 Unit A V A V mS pF pF pF ns


Note2: Pulse test
Switching Time Test Circuit
(a) Test circuit
2.5 V OUT IN 50 10% RL VDD 0V
(b) VIN
2.5 V 90%
0 10 s
(c) VOUT
VDD
10%
VDD = 3 V Duty < 1% = VIN: tr, tf < 5 ns (Zout = 50 ) Common Source Ta = 25C
VDS (ON)
90% tr ton tf toff
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 100 A for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage than Vth. (Relationship can be established as follows: VGS (off) < Vth < VGS (on) ) Please take this into consideration for using the device. VGS recommended voltage of 2.5 V or higher to turn on this product.
2000-07-19
2/4
SSM6N05FU
(Q1, Q2 common)
ID - VDS
1000 Common Source 800 10 4 3 2.5 2.3 Ta = 25C 100 1000 Common Source VDS = 3 V
ID - VGS
(mA)
(mA) Drain current ID
2.1 10
Drain current ID
600
Ta = 100C
400
1.9
1 25C -25C 0.1
1.7 200 VGS = 1.5 V 0 0
0.5
1.0
1.5
2.0
0.01 0
0.5
1.0
1.5
2.0
2.5
3.0
Drain-Source voltage VDS
(V)
Gate-Source voltage VGS
(V)
RDS (ON) - ID
2.0 Common Source Ta = 25C 1.6 1.6 2.0
RDS (ON) - VGS
Common Source ID = 200 mA
Drain-Source on resistance RDS (ON) ()
1.2 2.5 V 0.8 VGS = 4 V 0.4
Drain-Source on resistance RDS (ON) ()
1.2
0.8
Ta = 100C
25C 0.4 -25C
0 0
200
400
600
800
1000
0 0
2
4
6
8
10
Drain current ID
(mA)
Gate-Source voltage VGS
(V)
RDS (ON) - Ta
2.0
Yfs - ID
Forward transfer admittance Yfs (mS)
5000 Common Source 3000 VDS = 3 V Ta = 25C
Common Source ID = 200 mA 1.6
Drain-Source on resistance RDS (ON) ()
1.2
2.5 V
1000
0.8 VGS = 4 V 0.4
500 300
0 -25
0
25
50
75
100
125
150
100 10
30
50
100
300
500
1000
Ambient temperature Ta (C)
Drain current ID
(mA)
2000-07-19
3/4
SSM6N05FU
(Q1, Q2 common)
IDR - VDS
1000 Common Source VGS = 0 Ta = 25C D 600 G IDR S 400 100 50 30
C - VDS
(mA)
800
(pF)
Drain reverse current IDR
Ciss
Capacitance C
10 5 Common Source 3 VGS = 0 f = 1 MHz Ta = 25C 1 0.1 0.3 1 3 10
Coss
Crss
200
30
0 0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
Drain-Source voltage VDS
(V)
Drain-Source voltage VDS
(V)
t - ID
1000 Common Source 500 toff 300 400
PD* - Ta
Mounted on FR4 board.
Ta = 25C tf
Drain power dissipation PD* (mW)
Switching time t (ns)
VDD = 3 V VGS = 0~2.5 V
(25.4 mm x 25.4 mm x 1.6 t 2 Cu Pad: 0.32 mm x 6) 300
100 50 30
200
ton
tr 10 1
100
3
10
30
100
300 0 0 20 40 60 80 100 120 140 160
Drain current ID
(mA)
Ambient temperature Ta (C)
*: Total rating
2000-07-19
4/4


▲Up To Search▲   

 
Price & Availability of SSM6N05FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X